PART |
Description |
Maker |
PNF10-10R PNF10-38R PNF10-10R-L PNF10-56R PNF10-14 |
12-10 NYLON INSULATED FUNNELED WIRE ENTRY RING TONGUE, .225(5.72) MAX, WIRE INSULATION DIAMETER Ring Tongue Solderless Terminal; Wire Size (AWG):12-10; Stud Size:#10; Insulator Color:Yellow; Terminal Insulation:Nylon; Pack Quantity:50 RoHS Compliant: Yes BRASS, TIN FINISH, RING TERMINAL
|
PANDUIT CORP. Panduit, Corp.
|
19193-0089 19193-0074 19193-0073 19193-0092 19193- |
RING VERSAKRIMP (BB-339-08) 2 mm2, COPPER ALLOY, RING TERMINAL VERSAK RING TERM 16-14 BB-325-56 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-325-14T) 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-339-10T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930007 0.8 mm2, COPPER ALLOY, RING TERMINAL 191930078 2 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (BB-337-06T) 2 mm2, COPPER ALLOY, RING TERMINAL 191930017 0.8 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP (B-830-56HD) 2 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP TAPED (AA-8111-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (AA-832-08) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP TAPED (AA-832-06T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Insulator Color:Red; Series:RING AVIKRIMP TAPED (AA-832-04T) 0.8 mm2, COPPER ALLOY, TIN FINISH, RING TERMINAL RING AVIKRIMP (B-830-14HD) 2 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
19203-0034 19203-0099 19203-0042 19203-0035 19203- |
NICKEL/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL RING/HI-TEMP VERSAKRIMP (C-T-328-10) 6 mm2, COPPER ALLOY, NICKEL FINISH, RING TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):16-14; Stud Size:#5, #6 2 mm2, STEEL, NICKEL FINISH, RING TERMINAL NICKLE/RING/HI-TEMP KRIMPTITE (AA-U-133- 1 mm2, NICKEL, RING TERMINAL 6 mm2, STEEL, NICKEL FINISH, RING TERMINAL
|
Molex, Inc. MOLEX INC
|
19070-0044 19070-0040 19070-0042 19070-0005 19070- |
190700044 0.8 mm2, COPPER ALLOY, WIRE TERMINAL CONN RING TERM #6 18-22AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL TERM,LUG,RING,6,STUD,22-16AWG 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP (AA-220-02X) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL RING INSULKRIMP TAPED (AA-222-14XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL 190700006 0.8 mm2, COPPER ALLOY, WIRE TERMINAL Ring Tongue Solderless Terminal; Wire Size (AWG):18-22; Series:RING INSULKRIMP TAPED (AA-220-06XT) 0.8 mm2, COPPER ALLOY, WIRE TERMINAL
|
Molex, Inc. MOLEX INC
|
AA-126-38T 0190690050 |
Krimptite垄芒 Ring Tongue Terminal for 18-22 AWG Wire Krimptite Ring Tongue Terminal for 18-22 AWG Wire
|
Molex Electronics Ltd.
|
D-650-08X 0190710134 |
InsulKrimp Ring Tongue Terminal for 8 AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 8 AWG Wire
|
Molex Electronics Ltd.
|
BB-137-08 0190690114 |
Krimptite?/a> Ring Tongue Terminal for 14-16 AWG Wire Krimptite垄芒 Ring Tongue Terminal for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
0190700136 C-230-56X |
InsulKrimp Ring Tongue Terminal for 10-12 AWG Wire InsulKrimp垄芒 Ring Tongue Terminal for 10-12 AWG Wire
|
Molex Electronics Ltd.
|
19073-0244 19073-0233 19193-0105 19193-0094 19069- |
RING AVIKRIMP EXPD (C-840-56X) 5 mm2, COPPER ALLOY, RING TERMINAL 190730233 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP TAPED (C-328-06T) 5 mm2, COPPER ALLOY, RING TERMINAL 191930094 5 mm2, COPPER ALLOY, RING TERMINAL RING KRIMPTITE (C-128-08) SPM 5 mm2, COPPER ALLOY, RING TERMINAL CONN RING TERM 1/2 10-12AWG 5 mm2, COPPER ALLOY, RING TERMINAL RING VERSAKRIMP (C-328-06) 5 mm2, COPPER ALLOY, RING TERMINAL RING AVIKRIMP EXPD (C-830-56X) 5 mm2, COPPER ALLOY, RING TERMINAL RING INSULKRIMP TAPED (C-230-10XT) 5 mm2, COPPER ALLOY, RING TERMINAL
|
Molex, Inc.
|
BB-125-56T 0190690110 |
Krimptite Ring Tongue Terminal for 14-16 AWG Wire Krimptite?/a> Ring Tongue Terminal for 14-16 AWG Wire Krimptite垄芒 Ring Tongue Terminal for 14-16 AWG Wire
|
Molex Electronics Ltd.
|
|